Part Number Hot Search : 
AES1A 03033 M62462FP 67AXI 48S15 BT2907 30210 4AVC16
Product Description
Full Text Search
 

To Download SST26VF016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a microchip technology company ?2011 silicon storage technology, inc. ds-25017a 04/11 data sheet www.microchip.com features ? single voltage read and write operations ? 2.7-3.6v ? serial interface architecture ? nibble-wide multiplexed i/o?s with spi-like serial com- mand structure - mode 0 and mode 3 ? single-bit, spi backwards compatible - read, high-speed read, and jedec id read ? high speed clock frequency ? 80 mhz - 320 mbit/s sustained data rate ? burst modes ? continuous linear burst ? 8/16/32/64 byte linear burst with wrap-around ? index jump ? jump to address index within 256 byte page ? jump to address index within 64 kbyte block ? jump to address index in another 64 kbyte block ? superior reliability ? endurance: 100,000 cycles ? greater than 100 years data retention ? low power consumption: ? active read current: 12 ma (typical @ 80 mhz) ? standby current: 8 a (typical) ? fast erase and byte-program: ? chip-erase time: 35 ms (typical) ? sector-/block-erase time: 18 ms (typical) ? page-program ? 256 bytes per page ? fast page program time in 1 ms (typical) ? end-of-write detection ? software polling the busy bit in status register ? flexible erase capability ? uniform 4 kbyte sectors ? four 8 kbyte top parameter overlay blocks ? four 8 kbyte bottom parameter overlay blocks ? two 32 kbyte overlay blocks (one each top and bottom) ? uniform 64 kbyte overlay blocks - SST26VF016 ? 30 blocks - sst26vf032 ? 62 blocks ? write-suspend ? suspend program or erase operation to access another block/sector ? software reset (rst) mode ? software write protection ? block-locking - 64 kbyte blocks, two 32 kbyte blocks, and eight 8 kbyte parameter blocks ? security id ? one-time programmable (otp) 256 bit, secure id - 64 bit unique, factory pre-programmed identifier - 192 bit user-programmable ? temperature range ? industrial: -40c to +85c ? packages available ? 8-contact wson (6mm x 5mm) ? 8-lead soic (200 mil) ? all devices are rohs compliant serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 the SST26VF016 / sst26vf032 serial quad i/o? (sqi?) flash device utilizes a 4-bit multiplexed i/o serial interface to boost performance while maintaining the compact form factor of standard serial flash devices. operating at frequencies reaching 80 mhz, the SST26VF016 / sst26vf032 enables minimum latency execute-in-place (xip) capability without the need for code shadowing on an sram. the device?s high performance and small footprint make it the ideal choice for mobile handsets, bluetooth? headsets, optical disk drives, gps applications and other portable electronic products. further benefits are achieved with sst?s proprietary, high-performance cmos superflash? technology, which significantly improves performance and reliability, and lowers power consumption for high bandwidth, compact designs.
?2011 silicon storage technology, inc. ds-25017a 04/11 2 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company product description the serial quad i/o? (sqi?) family of flash-memory devices features a 4-bit, multiplexed i/o inter- face that allows for low-power, high-performance operation in a low pin-count package. system designs using sqi flash devices occupy less board space and ultimately lower system costs. all members of the 26 series, sqi family are manufactured with sst proprietary, high-performance cmos superflash? technology. the split-gate cell design and thick-oxide tunneling injector attain bet- ter reliability and manufacturability compared with alternate approaches. the SST26VF016/032 significantly improve performance and reliability, while lowering power con- sumption. these devices write (program or erase) with a single power supply of 2.7-3.6v. the total energy consumed is a function of the applied voltage, current, and time of application. since for any given voltage range, the superflash technology uses less current to program and has a shorter erase time, the total energy consumed during any erase or program operation is less than alternative flash memory technologies. SST26VF016/032 are offered in both 8-contact wson (6 mm x 5 mm), and 8-lead soic (200 mil) packages. see figure 2 for pin assignments.
?2011 silicon storage technology, inc. ds-25017a 04/11 3 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company block diagram figure 1: functional block diagram 1359 b1.0 page buffer, i/o buffers and data latches superflash memory x - decoder control logic address buffers and latches ce# y - decoder sck sio [3:0] serial interface
?2011 silicon storage technology, inc. ds-25017a 04/11 4 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company pin description figure 2: pin description for 8-lead soic and 8-contact wson table 1: pin description symbol pin name functions sck serial clock to provide the timing of the serial interface. commands, addresses, or input data are latched on the rising edge of the clock input, while output data is shifted out on the falling edge of the clock input. sio[3:0] serial data input/output to transfer commands, addresses, or data serially into the device or data out of the device. inputs are latched on the rising edge of the serial clock. data is shifted out on the falling edge of the serial clock. the eqio command instruction configures these pins for quad i/o mode. si serial data input for spi mode to transfer commands, addresses or data serially into the device. inputs are latched on the rising edge of the serial clock. si is the default state after a power on reset. so serial data output for spi mode to transfer data serially out of the device. data is shifted out on the falling edge of the serial clock. so is the default state after a power on reset. ce# chip enable the device is enabled by a high to low transition on ce#. ce# must remain low for the duration of any command sequence; or in the case of write oper- ations, for the command/data input sequence. v dd power supply to provide power supply voltage: 2.7-3.6v v ss ground t1.0 25017 1 2 3 4 8 7 6 5 ce# so/sio1 sio2 v ss v dd sio3 sck si/sio0 top view 1359 08-soic s2a p1.0 1 2 3 4 8 7 6 5 ce# so/sio1 sio2 v ss top view v dd sio3 sck si/sio0 1359 08-wson qa p1.0 8-lead soic 8-contact wson
?2011 silicon storage technology, inc. ds-25017a 04/11 5 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company memory organization the SST26VF016/032 sqi memory array is organized in uniform 4 kbyte erasable sectors with eight 8 kbyte parameters. in addition, the array also includes two 32 kbyte and 30/62 64 kbyte erasable overlay blocks. see figure 3. figure 3: memory map 1359 f41.0 top of memory block 8 kbyte 8 kbyte 8 kbyte 8 kbyte 32 kbyte 64 kbyte 64 kbyte 64 kbyte 32 kbyte 8 kbyte 8 kbyte 8 kbyte 8 kbyte bottom of memory block 4 kbyte 4 kbyte 4 kbyte 4 kbyte . . . 2 sectors for 8 kbyte blocks 8 sectors for 32 kbyte blocks 16 sectors for 64 kbyte blocks . . .
?2011 silicon storage technology, inc. ds-25017a 04/11 6 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company device operation the SST26VF016/032 supports both serial peripheral interface (spi) bus protocol and the new 4-bit multiplexed serial quad i/o (sqi) bus protocol. to provide backward compatibility to traditional spi serial flash devices, the device?s initial state after a power-on reset is spi bus protocol supporting only read, high speed read, and jedec-id read instructions. a command instruction configures the device to serial quad i/o bus protocol. the dataflow in this bus protocol is controlled with four multi- plexed i/o signals, a chip enable (ce#), and serial clock (sck). sqi flash memory protocol supports both mode 0 (0,0) and mode 3 (1,1) bus operations. the differ- ence between the two modes, as shown in figures 4 and 5, is the state of the sck signal when the bus master is in stand-by mode and no data is being transferred. the sck signal is low for mode 0 and sck signal is high for mode 3. for both modes, the serial data i/o (sio[3:0]) is sampled at the ris- ing edge of the sck clock signal for input, and driven after the falling edge of the sck clock signal for output. the traditional spi protocol uses separate input (si) and output (so) data signals as shown in figure 4. the SST26VF016/032 use four multiplexed signals, sio[3:0], for both data in and data out, as shown in figure 5. this quadruples the traditional bus transfer speed at the same clock frequency, without the need for more pins on the package. figure 4: spi protocol (traditional 25 serial spi device) figure 5: sqi serial quad i/o protocol 1359 f03.0 mode 3 sck si so ce# mode 3 don t care bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 mode 0 mode 0 high impedance msb msb 1409 f04.1 mode 3 clk sio(3:0) ce# mode 3 c1 c0 a5 a4 a3 a2 a1 a0 h0 l0 h1 l1 h2 l2 h3 l3 mode 0 mode 0 msb x = don?t care or high impediance
?2011 silicon storage technology, inc. ds-25017a 04/11 7 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company device protection the SST26VF016/032 have a block-protection register which provides a software mechanism to write- lock the array and write-lock, and/or read-lock, the parameter blocks. the block-protection register is 48/80 bits wide per device: two bits each for the eight 8 kbyte parameter blocks (write-lock and read- lock), and one bit each for the remaining 32 kbyte and 64 kbyte overlay blocks (write-lock). see tables 8 - 9 for address range protected per register bit. each bit in the block-protection register can be written to a ?1? (protected) or ?0? (unprotected). for the parameter blocks, the most significant bit is for read-lock, and the least significant bit is for write-lock. read- locking the parameter blocks provides additional security for sensitive data after retrieval (e.g., after initial boot). if a block is read-locked all reads to the block return data 00h. all blocks are write-locked and read- unlocked after power-up or reset. the write block locking register command is a two cycle command requiring write-enable (wren) to be executed prior to the write block-protection register command. figure 6: block locking memory map 1359 f40.2 top of memory block 8 kbyte 8 kbyte 8 kbyte 8 kbyte 32 kbyte 64 kbyte 64 kbyte 64 kbyte 32 kbyte 8 kbyte 8 kbyte 8 kbyte 8 kbyte read lock write lock read lock write lock write lock bottom of memory block . . .
?2011 silicon storage technology, inc. ds-25017a 04/11 8 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company write-protection lock-down to prevent changes, the block-protection register can be set to write-protection lock-down using the lock down block protection register (lpbr) command. once the write-protection lock-down is enabled, the block-protection register can not be changed. to avoid inadvertent lock down, the wren command must be executed prior to the lbpr command. to reset write-protection lock-down, power cycle the device. the write-protection lock-down status may be read from the status register. security id SST26VF016/032 offer a 256-bit security id (sec id) feature. the security id space is divided into two parts ? one factory-programmed, 64-bit segment and one user-programmable 192-bit segment. the factory-programmed segment is programmed at sst with a unique number and cannot be changed. the user-programmable segment is left unprogrammed for the customer to program as desired. use the secid program command to program the security id using the address shown in table 7. once programmed, the security id can be locked using the lockout sec id command. this prevents any future write to the security id. the factory-programmed portion of the security id can?t be programmed by the user; neither factory- programmed nor user-programmable areas can be erased.
?2011 silicon storage technology, inc. ds-25017a 04/11 9 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company status register the status register is a read-only register that provides status on whether the flash memory array is available for any read or write operation, whether the device is write enabled, and whether an erase or program operation is suspended. during an internal erase or program operation, the status register may be read to determine the completion of an operation in progress. table 2 describes the function of each bit in the status register. table 2: status register bit name function default at power-up 0 res reserved for future use 0 1 wel write-enable latch status 1 = device is memory write enabled 0 = device is not memory write enabled 0 2 wse write suspend-erase status 1 = erase suspended 0 = erase is not suspended 0 3 wsp write suspend-program status 1 = program suspended 0 = program is not suspended 0 4 wpld write protection lock-down status 1 = write protection lock-down enabled 0 = write protection lock-down disabled 0 5 sec 1 1. the security id status will always be ?1? at power-up after a successful execution of the lockout sec id instruction, oth- erwise default at power-up is ?0?. security id status 1 = security id space locked 0 = security id space not locked 0 1 6 res reserved for future use 0 7 busy write operation status 1 = internal write operation is in progress 0 = no internal write operation is in progress 0 t2.0 25017
?2011 silicon storage technology, inc. ds-25017a 04/11 10 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company write-enable latch (wel) the write-enable latch (wel) bit indicates the status of the internal memory?s write-enable latch. if the wel bit is set to ?1?, the device is write enabled. if the bit is set to ?0? (reset), the device is not write enabled and does not accept any memory program or erase, protection register write, or lock-down commands. the write-enable latch bit is automatically reset under the following conditions: ? power-up ? reset ? write-disable (wrdi) instruction completion ? page-program instruction completion ? sector-erase instruction completion ? block-erase instruction completion ? chip-erase instruction completion ? write-block-protection register instruction ? lock-down block-protection register instruction ? program security id instruction completion ? lockout security id instruction completion ? write-suspend instruction write suspend erase status (wse) the write suspend-erase status (wse) indicates when an erase operation has been suspended. the wse bit is ?1? after the host issues a suspend command during an erase operation. once the sus- pended erase resumes, the wse bit is reset to ?0.? write suspend program status (wsp) the write suspend-program status (wsp) bit indicates when a program operation has been sus- pended. the wsp is ?1? after the host issues a suspend command during the program operation. once the suspended program resumes, the wsp bit is reset to ?0.? write protection lockdown status (wpld) the write protection-lockdown status (wpld) bit indicates when the block protection register is locked-down to prevent changes to the protection settings. the wpld is ?1? after the host issues a lock-down block protection command. after a power cycle, the wpld bit is reset to ?0.? security id status (sec) the security id status (sec) bit indicates when the security id space is locked to prevent a write command. the sec is ?1? after the host issues a lockout sid command. once the host issues a lock- out sid command, the sec bit can never be reset to ?0.? busy the busy bit determines whether there is an internal erase or program operation in progress. if the busy bit is ?1?, the device is busy with an internal erase or program operation. if the bit is ?0?, no erase or program operation is in progress.
?2011 silicon storage technology, inc. ds-25017a 04/11 11 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company instructions instructions are used to read, write (erase and program), and configure the SST26VF016/032. the instruction bus cycles are two nibbles each for commands (op code), data, and addresses. prior to executing any write instructions, the write-enable (wren) instruction must be executed. the com- plete list of the instructions is provided in table 3. all instructions are synchronized off a high to low transition of ce#. inputs are accepted on the rising edge of sck starting with the most significant nibble. ce# must be driven low before an instruction is entered and must be driven high after the last nibble of the instruction has been input (except for read instructions). any low-to-high transition on ce# before receiving the last nibble of an instruction bus cycle, will terminate the instruction being entered and return the device to the standby mode. table 3: device operation instructions for SST26VF016/032 (1 of 2) instruction description command cycle 1 address cycle(s) 2 dummy cycle(s) data cycle(s) maximum frequency nop no operation 00h 0 0 0 80 mhz rsten reset enable 66h 0 0 0 rst 3 reset memory 99h 0 0 0 eqio enable quad i/o 38h 0 0 0 rstqio 4 reset quad i/o ffh 0 0 0 read 5 read memory 03h 3 0 1 to ? 33 mhz high-speed read 5 read memory at higher speed 0bh 3 1 1 to ? 80 mhz set burst 6 set burst length c0h 0 0 1 read burst nb burst with wrap 0ch 3 1 n to ? read pi 7 jump to address within 256 byte page indexed by n 08h 1 1 1 to ? read i jump to address within block indexed by n 09h 2 2 1 to ? read bi jump to block indexed by n 10h 1 2 1 to ? jedec-id 5,8 jedec-id read 9fh 0 0 3 to ? quad j-id 8 quad i/o j-id read afh 0 0 3 to ? sector erase 9 erase 4 kbytes of memory array 20h 3 0 0 block erase 10 erase 64, 32 or 8 kbytes of memory array d8h 3 0 0 chip erase erase full array c7h 0 0 0 page program program 1 to 256 data bytes 02h 3 0 1 to 256 write suspend suspends program/erase b0h 0 0 0 write resume resumes program/erase 30h 0 0 0 read sid read security id 88h 1 1 1 to 32 program sid 11 program user security id area a5h 1 0 1 to 24 lockout sid 11 lockout security id programming 85h 0 0 0 rdsr 12 read status register 05h 0 0 1 to ? wren write enable 06h 0 0 0 wrdi write disable 04h 0 0 0
?2011 silicon storage technology, inc. ds-25017a 04/11 12 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company no operation (nop) the no operation command only cancels a reset enable command. nop has no impact on any other command. rbpr 13 read block protection register 72h 0 0 1 to ?m/4 80 mhz wbpr 11,13 write block protection register 42h 0 0 1 to m/4 lbpr 11 lock down block protection register 8dh 0 0 0 t3.0 25017 1. one bus cycle is two clock periods (command, access, or data). 2. address bits above the most significant bit of each density can be v il or v ih. 3. rst command only executed if rsten command is executed first. any intervening command will disable reset. 4. device accepts eight-clock command in spi mode, or two-clock command in sqi mode. 5. after a power cycle, read, high-speed read, and jedec-id read instructions input and output cycles are spi bus protocol. 6. burst length ?n=8 bytes: data(00h) ;n=16 bytes: data(01h) ;n=32 bytes: data(02h) ;n=64 bytes: data(03h). 7. address is 256 bytes page align (2?s complement) 8. the quad j-id read wraps the three quad j-id bytes of data until terminated by a low-to-high transition on ce# 9. sector addresses: use a ms -a 12 , remaining address are don?t care, but must be set to v il or v ih . 10. blocks are 64 kbyte, 32 kbyte, or 8kbyte, depending on location. block erase address: a ms -a 16 for 64 kbyte; a ms - a 15 for 32 kbyte; a ms -a 13 for 8 kbyte. remaining addresses are don?t care, but must be set to v il or v ih . 11. requires a prior wren command. 12. the read-status register is continuous with ongoing clock cycles until terminated by a low-to-high transition on ce#. 13. data is written/read from msb to lsb. msb = 48 for SST26VF016; 80 for sst26vf032 table 3: device operation instructions for SST26VF016/032 (continued) (2 of 2) instruction description command cycle 1 address cycle(s) 2 dummy cycle(s) data cycle(s) maximum frequency
?2011 silicon storage technology, inc. ds-25017a 04/11 13 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company reset-enable (rsten) and reset (rst) the reset operation is used as a system (software) reset that puts the device in normal operating ready mode. this operation consists of two commands: reset-enable (rsten) and reset (rst). to reset the SST26VF016/032, the host drives ce# low, sends the reset-enable command (66h), and drives ce# high. next, the host drives ce# low again, sends the reset command (99h), and drives ce# high, see figure 7. the reset operation requires the reset-enable command followed by the reset command. any com- mand other than the reset command after the reset-enable command will disable the reset-enable. a successful command execution will reset the burst length to 8 bytes and all the bits in the status reg- ister to their default states, except for bit 4 (wpld) and bit 5 (sec). a device reset during an active program or erase operation aborts the operation, which can cause the data of the targeted address range to be corrupted or lost. depending on the prior operation, the reset timing may vary. recovery from a write operation requires more latency time than recovery from other operations. figure 7: reset sequence 1359 f05.0 mode 3 clk sio(3:0) ce# mode 3 c1 c3 c2 c0 mode 0 mode 3 mode 0 mode 0 t cph note: c[1:0] = 66h; c[3:2] = 99h
?2011 silicon storage technology, inc. ds-25017a 04/11 14 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company read (33 mhz) the read instruction, 03h, is supported in spi bus protocol only with clock frequencies up to 33 mhz. this command is not supported in sqi bus protocol. the device outputs the data starting from the specified address location, then continuously streams the data output through all addresses until ter- minated by a low-to-high transition on ce#. the internal address pointer will automatically increment until the highest memory address is reached. once the highest memory address is reached, the address pointer will automatically return to the beginning (wrap-around) of the address space. initiate the read instruction by executing an 8-bit command, 03h, followed by address bits a23:a0. ce# must remain active low for the duration of the read cycle. sio2 and sio3 must be driven v ih for the duration of the read cycle. see figure 8 for read sequence. figure 8: read sequence (spi) enable quad i/o (eqio) the enable quad i/o (eqio) instruction, 38h, enables the flash device for sqi bus operation. upon completion of the instruction, all instructions thereafter will be 4-bit multiplexed input/output until a power cycle or a ?reset quad i/o instruction? is executed. see figure 9. figure 9: enable quad i/o sequence 1359 f29.0 ce# so si sck add. 012345678 add. add. 03 high impedance 15 16 23 24 31 32 39 40 70 47 48 55 56 63 64 n+2 n+3 n+4 n n+1 d out msb msb msb mode 0 mode 3 d out d out d out d out note: sio2 and sio3 must be driven v ih 1359 f43.0 mode 3 0 1 sck sio0 ce# mode 0 234567 38 sio[3:1] note: c[1:0] = 38h
?2011 silicon storage technology, inc. ds-25017a 04/11 15 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company reset quad i/o (rstqio) the reset quad i/o instruction, ffh, resets the device to 1-bit spi protocol operation. to execute a reset quad i/o operation, the host drives ce# low, sends the reset quad i/o command cycle (ffh) then, drives ce# high. the device accepts either spi (8 clocks) or sqi (2 clocks) command cycles. for spi, sio[3:1] are don?t care for this command, but should be driven to v ih or v il . high-speed read (80 mhz) the high-speed read instruction, 0bh, is supported in both spi bus protocol and sqi protocol. on power-up, the device is set to use spi. initiate high-speed read by executing an 8-bit command, 0bh, followed by address bits [a23-a0] and a dummy byte. ce# must remain active low for the duration of the high-speed read cycle. sio2 and sio3 must be driven v ih for the duration of the read cycle. see figure 10 for the high-speed read sequence for spi bus protocol. figure 10: high-speed read sequence (spi) in sqi protocol, the host drives ce# low then send the read command cycle command, 0bh, followed by three address cycles and one dummy cycle. each cycle is two nibbles (clocks) long, most significant nibble first. after the dummy cycle, the serial quad i/o (sqi) flash memory outputs data on the falling edge of the sck signal starting from the specified address location. the device continually streams data out- put through all addresses until terminated by a low-to-high transition on ce#. the internal address pointer automatically increments until the highest memory address is reached, at which point the address pointer returns to address location 000000h. during this operation, blocks that are read-locked will output data 00h. figure 11: high-speed read sequence (sqi) 1359 f31.0 ce# so/sio1 si/sio0 sck add. 012345678 add. add. 0b high impedance 15 16 23 24 31 32 39 40 47 48 55 56 63 64 n+2 n+3 n+4 n n+1 x msb mode 0 mode 3 d out d out d out d out 80 71 72 d out note: sio2 and sio3 must be driven v ih 1359 f06.2 mode 3 0 1 2 9 16 clk sio(3:0) ce# mode 3 c1 c0 a5 a4 a3 a2 a1 a0 x x h0 l0 h1 l1 h2 l2 h3 l3 mode 0 mode 0 msb data out data in note: c[1:0] = 0bh
?2011 silicon storage technology, inc. ds-25017a 04/11 16 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company set burst the set burst command specifies the number of bytes to be output during a read burst command before the device wraps around. to set the burst length the host drives ce# low, sends the set burst command cycle (c0h) and one data cycle, then drives ce# high. a cycle is two nibbles, or two clocks, long, most significant nibble first. after power-up or reset, the burst length is set to eight bytes (00h). see table 4 for burst length data and figure 12 for the sequence. figure 12: set burst length sequence read burst to execute a read burst operation the host drives ce# low, then sends the read burst command cycle (0ch), followed by three address cycles, and then one dummy cycle. each cycle is two nibbles (clocks) long, most significant nibble first. after the dummy cycle, the device outputs data on the falling edge of the sck signal starting from the specified address location. the data output stream is continuous through all addresses until termi- nated by a low-to-high transition on ce#. during read burst, the internal address pointer automatically increments until the last byte of the burst is reached, then jumps to first byte of the burst. all bursts are aligned to addresses within the burst length, see table 5. for example, if the burst length is eight bytes, and the start address is 06h, the burst sequence would be: 06h, 07h, 00h, 01h, 02h, 03h, 04h, 05h, 06h, etc. the pattern would repeat until the command was terminated by a low-to-high transition on ce#. during this operation, blocks that are read-locked will output data 00h. table 4: burst length data burst length high nibble (h0) low nibble (l0) 8 bytes 0h 0h 16 bytes 0h 1h 32 bytes 0h 2h 64 bytes 0h 3h t4.0 25017 table 5: burst address ranges burst length burst address ranges 8 bytes 00-07h, 08-0fh, 10-17h, 18-1fh... 16 bytes 00-0fh, 10-1fh, 20-2fh, 30-3fh... 32 bytes 00-1fh, 20-3fh, 40-5fh, 60-7fh... 64 bytes 00-3fh, 40-7fh, 80-bfh, c0-ffh t5.0 25017 1359 f32.0 mode 3 0 1 sck sio(3:0) ce# c1 c0 mode 0 23 h0 l0 msn lsn note: msn = most significant nibble, lsn = least significant nibble
?2011 silicon storage technology, inc. ds-25017a 04/11 17 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company index jump index jump allows the host to read data using relative addressing instead of absolute addressing; in some cases this reduces the number of input clocks required to access data. the SST26VF016/032 support three index jump options: ? read page-index-jump to address index within 256 byte page ? read index-jump to address index within 64 kbyte block ? read block-index - jump to address index in another 64 kbyte block. index jumps following a burst read command are referenced from the last input address. for exam- ple, the device initiates a 64-byte read burst instruction from address location 1eh and outputs an arbitrary number of bytes. when the device issues a read page-index instruction with 40h as the off- set, the device will output data from address location 5eh. index jump operations following a high speed read (continuous read) instruction are referenced from the last address from which the full byte of data was output. data output by any of the index-jump commands follows the pattern of the last non-index-jump com- mand. for example, a read page-index command following a read burst, with 64-byte wrap length, will continue to deliver data that wraps at 64-byte boundaries after jumping to the address specified in the read page-index command. read page-index (read pi) the read page-index (read pi) instruction increments the address counter within a page of 256 bytes. to execute a read pi operation the host drives ce# low then sends the read pi command cycle (08h), one address cycle, and one dummy cycle. each cycle is two nibbles (clocks) long, most significant nibble first. the address cycle contain a two?s complement number that specifies the number of bytes and direc- tion the address pointer will jump. for example, to jump ahead 127 bytes a1:a0 = 7fh; to jump back 127 bytes a1:a0 = 81h. the read pi command does not cross 256 byte page boundaries. if the jump distance exceeds the 256 byte boundary, the address pointer wraps around to the beginning of the page, if the jump is for- ward, or to the end of the page, if the jump is backward. after the dummy cycle, the device outputs data on the falling edge of the sck signal starting from the specified address location. read index the read index (read i) instruction increments the address counter a specified number of bytes within a 64 kbyte block. to execute a read i operation the host drives ce# low then sends the read i com- mand cycle (09h), two address cycles, and two dummy cycles. each cycle is two nibbles (clocks) long, most significant nibble first. the address cycles contain a two?s complement number that specifies the number of bytes and direc- tion the address pointer will jump. for example, to jump ahead 256 bytes, the address cycles would be 0100h; to jump back 256 bytes, the address cycles would be ff00h. the read i command can not cross 64 kbyte block boundaries, but it can cross boundaries of smaller blocks. if the jump distance exceeds the 64 kbyte block boundary, the address pointer wraps around to the beginning of the block, if the jump is forward, and to the end of the block, if the jump is backward. after the dummy cycles, the device outputs data on the falling edge of the sck signal starting from the specified address location.
?2011 silicon storage technology, inc. ds-25017a 04/11 18 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company read block index (read bi) the read block index (read bi) instruction increments the address counter a specified number of 64 kbyte blocks. to execute a read bi operation the host drives ce# low, then sends the read bi com- mand cycle (10h), one address cycle, and two dummy cycles. each cycle is two nibbles (clocks) long, most significant nibble first. the address cycle contains a two?s complement number specifying the number of blocks and the direction the address pointer will jump. the least significant address bits, a15:a0, do not change. after the dummy cycle, the device outputs data on the falling edge of the sck signal starting from the specified address location. jedec-id read (spi protocol) using traditional spi protocol, the jedec-id read instruction identifies the device as SST26VF016/ 032 and the manufacturer as sst. to execute a jecec-id operation the host drives ce# low then sends the jedec-id command cycle (9fh). for spi modes, each cycle is eight bits (clocks) long, most significant bit first. immediately following the command cycle the device outputs data on the falling edge of the sck sig- nal. the data output stream is continuous until terminated by a low-to-high transition on ce#. the device outputs three bytes of data: manufacturer, device type, and device id, see table 6. see figure 13 for instruction sequence. figure 13: jedec-id sequence (spi mode) table 6: device id data output product manufacturer id (byte 1) device id device type (byte 2) device id (byte 3) SST26VF016 bfh 26h 01h sst26vf032 bfh 26h 02h t6.1 25017 26 device id 1359 f38.0 ce# so si sck 012345678 high impedance 15 1614 28 29 30 31 bf mode 3 mode 0 msb msb 9 10111213 1718 32 34 9f 19 20 21 22 23 33 24 25 26 27 note: sio2 and sio3 must be driven v ih
?2011 silicon storage technology, inc. ds-25017a 04/11 19 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company quad j-id read (sqi protocol) the quad j-id read instruction identifies the devices as SST26VF016/032 and manufacturer as sst. to execute a quad j-id operation the host drives ce# low and then sends the quad j-id command cycle (afh). each cycle is two nibbles (clocks) long, most significant nibble first. immediately following the command cycle the device outputs data on the falling edge of the sck sig- nal. the data output stream is continuous until terminated by a low-to-high transition of ce#. the device outputs three bytes of data: manufacturer, device type, and device id, see table 6. see figure 14 for instruction sequence. figure 14: quad j-id read sequence sector-erase the sector-erase instruction clears all bits in the selected 4 kbyte sector to ?1,? but it does not change a protected memory area. prior to any write operation, the write-enable (wren) instruction must be executed. to execute a sector-erase operation, the host drives ce# low, then sends the sector erase command cycle (20h) and three address cycles, and then drives ce# high. each cycle is two nibbles, or clocks, long, most significant nibble first. address bits [a ms :a 12 ](a ms = most significant address) determine the sector address (sa x ); the remaining address bits can be v il or v ih . poll the busy bit in the status register or wait t se for the completion of the internal, self-timed, sector-erase operat i on. see figure 15 for the sector-erase sequence. figure 15: 4 kbyte sector-erase sequence 1359 f39.0 mode 3 0 sck sio(3:0) ce# c1 c0 mode 0 2 h0 l0 msn lsn 4 h1 l1 6 h2 l2 8 h0 l0 10 h1 l4 12 h2 l2 n hn ln bfh n 26h device id bfh 26h device id note: msn = most significant nibble; lsn= least significant nibble c[1:0]=afh 1359 f07.0 mode 3 0 1 sck sio(3:0) ce# c1 c0 mode 0 2 a5 a4 msn lsn 4 a3 a2 6 a1 a0 note: msn = most significant nibble, lsn = least signifi- cant nibble
?2011 silicon storage technology, inc. ds-25017a 04/11 20 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company block-erase the block-erase instruction clears all bits in the selected block to ?1?. block sizes can be 8 kbyte, 32 kbyte or 64 kbyte depending on address, see figure 3, memory map, for details. a block-erase instruction applied to a protected memory area will be ignored. prior to any write operation, execute the wren instruction. keep ce# active low for the duration of any command sequence. to execute a block-erase operation, the host drives ce# low then sends the block-erase command cycle (d8h), three address cycles, then drives ce# high. each cycle is two nibbles, or clocks, long, most significant nibble first. address bits a ms -a 13 determine the block address; the remaining address bits can be v il or v ih . for 32 kbyte blocks, a 14 :a 13 can be v il or v ih ; for 64 kbyte blocks, a 15 :a 13 can be v il or v ih . poll the busy bit in the status register or wait t be for the completion of the internal, self- timed, block-erase operat i on see figure 16 for the block-erase sequence. figure 16: block-erase sequence chip-erase the chip-erase instruction clears all bits in the device to ?1.? the chip-erase instruction is ignored if any of the memory area is protected. prior to any write operation, execute the the wren instruction. to execute a chip-erase operation, the host drives ce# low, sends the chip-erase command cycle (c7h), then drives ce# high. a cycle is two nibbles, or clocks, long, most significant nibble first. poll the busy bit in the status register or wait t ce for the completion of the internal, self-timed, chip-erase operati on. see figure 17 for the chip erase sequence. figure 17: chip-erase sequence 1359 f08.0 mode 3 0 1 sck sio(3:0) ce# c1 c0 mode 0 2 a5 a4 msn lsn 4 a3 a2 6 a1 a0 note: msn = most significant nibble, lsn = least significant nibble c[1:0] = d8h 1359 f09.0 mode 3 0 1 sck sio(3:0) ce# c1 c0 mode 0 note: c[1:0] = c7h
?2011 silicon storage technology, inc. ds-25017a 04/11 21 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company page-program the page-program instruction programs up to 256 bytes of data in the memory. the data for the selected page address must be in the erased state (ffh) before initiating the page-program operation. a page-program applied to a protected memory area will be ignored. prior to the program operation, execute the wren instruction. to execute a page-program operation, the host drives ce# low then sends the page program com- mand cycle (02h), three address cycles followed by the data to be programmed, then drives ce# high. the programmed data must be between 1 to 256 bytes and in whole byte increments; sending an odd number of nibbles will cause the last nibble to be ignored. each cycle is two nibbles (clocks) long, most significant bit first. poll the busy bit in the status register or wait t pp for the completion of the internal, self-timed, page-program operat i on. see figure 18 for the page-program sequence. when executing page-program, the memory range for the SST26VF016/032 is divided into 256 byte page boundaries. the device handles shifting of more than 256 bytes of data by maintaining the last 256 bytes of data as the correct data to be programmed. if the target address for the page-program instruction is not the beginning of the page boundary (a7:a0 are not all zero), and the number of data input exceeds or overlaps the end of the address of the page boundary, the excess data inputs wrap around and will be programmed at the start of that target page. figure 18: page-program sequence write-suspend and write-resume write-suspend allows the interruption of sector-erase, block-erase or page-program operations in order to erase, program, or read data in another portion of memory. the original operation can be con- tinued with the write-resume command. only one write operation can be suspended at a time; if an operation is already suspended, the device will ignore the write-suspend command. write-suspend during chip-erase is ignored; chip-erase is not a valid command while a write is suspended. 1359 f10.0 mode 3 0 sck sio(3:0) ce# c1 c0 mode 0 2 a5 a4 msn lsn 4 a3 a2 6 a1 a0 8 h0 l0 10 h1 l1 12 h2 l2 542 hn ln data byte 0 data byte 1 data byte 2 data byte 255 note: msn = most significant nibble, lsn = least significant nibble c[1:0] = 02h
?2011 silicon storage technology, inc. ds-25017a 04/11 22 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company write-suspend during sector-erase or block-erase issuing a write-suspend instruction during sector-erase or block-erase allows the host to program or read any sector that was not being erased. the device will ignore any programming commands point- ing to the suspended sector(s). any attempt to read from the suspended sector(s) will output unknown data because the sector- or block-erase will be incomplete. to execute a write-suspend operation, the host drives ce# low, sends the write suspend command cycle (b0h), then drives ce# high. a cycle is two nibbles long, most significant nibble first. the status register indicates that the erase has been suspended by changing the wse bit from ?0? to ?1,? but the device will not accept another command until it is ready. to determine when the device will accept a new command, poll the busy bit in the status register or wait t ws . write-suspend during page programming issuing a write-suspend instruction during page programming allows the host to erase or read any sector that is not being programmed. erase commands pointing to the suspended sector(s) will be ignored. any attempt to read from the suspended page will output unknown data because the program will be incomplete. to execute a write suspend operation, the host drives ce# low, sends the write suspend command cycle (b0h), then drives ce# high. a cycle is two nibbles long, most significant nibble first. the status register indicates that the programming has been suspended by changing the wsp bit from ?0? to ?1,? but the device will not accept another command until it is ready. to determine when the device will accept a new command, poll the busy bit in the status register or wait t ws . write-resume write-resume restarts a write command that was suspended, and changes the suspend status bit in the status register (wse or wsp) back to ?0?. to execute a write-resume operation, the host drives ce# low, sends the write resume command cycle (30h), then drives ce# high. a cycle is two nibbles long, most significant nibble first. to deter- mine if the internal, self-timed write operation completed, poll the busy bit in the status register, or wait the specified time t se ,t be or t pp for sector-erase, block-erase, or page-programming, respec- tively. the total write time before suspend and after resume will not exceed the uninterrupted write times t se ,t be or t pp . read security id to execute a read security id (sid) operation, the host drives ce# low, sends the read security id command cycle (88h), one address cycle, and then one dummy cycle. each cycle is two nibbles long, most significant nibble first. after the dummy cycle, the device outputs data on the falling edge of the sck signal, starting from the specified address location. the data output stream is continuous through all sid addresses until termi- nated by a low-to-high transition on ce#. the internal address pointer automatically increments until the last sid address is reached, then outputs 00h until ce# goes high.
?2011 silicon storage technology, inc. ds-25017a 04/11 23 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company program security id the program security id instruction programs one to 24 bytes of data in the user-programmable, security id space. the device ignores a program security id instruction pointing to an invalid or pro- tected address, see table 7. prior to the program operation, execute wren. to execute a program sid operation, the host drives ce# low, sends the program security id com- mand cycle (a5h), one address cycle, the data to be programmed, then drives ce# high. the pro- grammed data must be between 1 to 24 bytes and in whole byte increments; sending an odd number of nibbles will cause the last nibble to be ignored. each cycle is two nibbles long, most significant nib- ble first. to determine the completion of the internal, self-timed program sid operation, poll the busy bit in the software status register, or wait t psid for the completion of the internal self-timed program security id operation. lockout security id the lockout security id instruction prevents any future changes to the security id. to execute a lock- out sid, the host drives ce# low, sends the lockout security id command cycle (85h), then drives ce# high. a cycle is two nibbles long, most significant nibble first. the user map polls the busy bit in the software status register or waits t psid for the completion of he lockout security id operation. read-status register (rdsr) the read-status register (rdsr) command outputs the contents of the status register. the status register may be read at any time even during a write operation. when a write is in progress, check the busy bit before sending any new commands to assure that the new commands are properly received by the device. to execute a read-status-register operation the host drives ce# low, then sends the read-status- register command cycle (05h). each cycle is two nibbles long, most significant nibble first. immedi- ately after the command cycle, the device outputs data on the falling edge of the sck signal. the data output stream continues until terminated by a low-to-high transition on ce#. see figure 19 for the rdsr instruction sequence. figure 19: read-status-register (rdsr) sequence table 7: program security id program security id address range pre-programmed at factory 00h ? 07h user programmable 08h ? 1fh t7.0 25017 1359 f11.0 mode 3 0 sck sio(3:0) ce# c1 c0 mode 0 2 h0 l0 msn lsn 4 h0 l0 6 h0 l0 8n h1 l1 status byte status byte status byte status byte note: msn = most significant nibble; lsn = least significant nibble c[1:0] = 05h
?2011 silicon storage technology, inc. ds-25017a 04/11 24 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company write-enable (wren) the write-enable (wren) instruction sets the write-enable-latch bit in the status register to ?1,? allowing write operations to occur. the wren instruction must be executed prior to any of the follow- ing operations: sector erase, block erase, chip erase, page program, program security id, lockout security id, write block-protection register and lockdown block-protection register. to execute a write enable the host drives ce# low then sends the write enable command cycle (06h) then drives ce# high. a cycle is two nibbles (clocks) long, most significant nibble first. see figure 20 for the wren instruction sequence. figure 20: write-enable sequence write-disable (wrdi) the write-disable (wrdi) instruction sets the write-enable-latch bit in the status register to ?0,? pre- venting write execution without a prior wren instruction. to execute a write-disable, the host drives ce# low, sends the write disable command cycle (04h), then drives ce# high. a cycle is two nibbles long, most significant nibble first. figure 21: write-disable (wrdi) sequence 1359 f12.0 mode 3 0 1 sck sio(3:0) ce# c1 c0 mode 0 note: c[1:0] = 1359 f33.0 mode 3 0 1 sck sio(3:0) ce# c1 c0 mode 0 note: c[1:0] = 04h
?2011 silicon storage technology, inc. ds-25017a 04/11 25 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company read block-protection register (rbpr) the read block-protection register instruction outputs the block-protection register data which determines the protection status. to execute a read block-protection register operation, the host drives ce# low, and then sends the read block-protection register command cycle (72h). each cycle is two nibbles long, most significant nibble first. after the command cycle, the device outputs data on the falling edge of the sck signal starting with the most significant nibble, see tables 8 - 9 for definitions of each bit in the block-protection register. the rbpr command does not wrap around. after all data has been output, the device will output 0h until terminated by a low-to-high transition on ce#. see figure 22. figure 22: read block protection register sequence write block-protection register (wbpr) to execute a write block-protection register operation the host drives ce# low; sends the write block-protection register command cycle (42h); then sends six cycles of data for sst25vf016, or 10 cycles of data for sst25vf032, and finally drives ce# high. each cycle is two nibbles long, most sig- nificant nibble first. see table s8-9for definitions of each bit in the block-protection register. figure 23: write block protection register sequence 1359 f34.2 mode 3 0 sck sio(3:0) ce# c1 c0 2 h0 l0 msn lsn 4 h1 l1 6 h2 l2 8 h3 l3 10 h4 l4 12 h5 l5 n hn l bpr [m:m-7] bpr [7:0] note: msn = most significant nibble, lsn = least significant nibble block protection register (bpr) m = 47/79 for SST26VF016/sst26vf032 respectively c[1:0]=72h 1359 f35.1 mode 3 0 sck sio(3:0) ce# c1 c0 mode 0 2 h0 l0 msn lsn 4 h1 l1 6 h2 l2 8 h3 l3 10 h4 l4 12 h5 l5 n hn ln bpr [m:m-7] bpr [7:0] note: msn = most significant nibble, lsn = least significant nibble block protection register (bpr) m = 48/80 for SST26VF016/sst26vf032 respectively c[1:0]=42h
?2011 silicon storage technology, inc. ds-25017a 04/11 26 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company table 8: block-protection register for 26vf016 1 bpr bits address range protected block size read lock write lock 47 46 1fe000h - 1fffffh 8 kbyte 45 44 1fc000h - 1fdfffh 8 kbyte 43 42 1fa000h - 1fbfffh 8 kbyte 41 40 1f8000h - 1f9fffh 8 kbyte 39 38 006000h - 007fffh 8 kbyte 37 36 004000h - 005fffh 8 kbyte 35 34 002000h - 003fffh 8 kbyte 33 32 000000h - 001fffh 8 kbyte 31 1f0000h - 1f7fffh 32 kbyte 30 008000h - 00ffffh 32 kbyte 29 1e0000h - 1effffh 64 kbyte 28 1d0000h - 1dffffh 64 kbyte 27 1c0000h - 1cffffh 64 kbyte 26 1b0000h - 1bffffh 64 kbyte 25 1a0000h - 1affffh 64 kbyte 24 190000h - 19ffffh 64 kbyte 23 180000h - 18ffffh 64 kbyte 22 170000h - 17ffffh 64 kbyte 21 160000h - 16ffffh 64 kbyte 20 150000h - 15ffffh 64 kbyte 19 140000h - 14ffffh 64 kbyte 18 130000h - 13ffffh 64 kbyte 17 120000h - 12ffffh 64 kbyte 16 110000h - 11ffffh 64 kbyte 15 100000h - 10ffffh 64 kbyte 14 0f0000h - 0fffffh 64 kbyte 13 0e0000h - 0effffh 64 kbyte 12 0d0000h - 0dffffh 64 kbyte 11 0c0000h - 0cffffh 64 kbyte 10 0b0000h - 0bffffh 64 kbyte 9 0a0000h - 0affffh 64 kbyte 8 090000h - 09ffffh 64 kbyte 7 080000h - 08ffffh 64 kbyte 6 070000h - 07ffffh 64 kbyte 5 060000h - 06ffffh 64 kbyte 4 050000h - 05ffffh 64 kbyte 3 040000h - 04ffffh 64 kbyte 2 030000h - 03ffffh 64 kbyte 1 020000h - 02ffffh 64 kbyte 0 010000h - 01ffffh 64 kbyte t8.0 25017 1. all blocks are write-locked and read-unlocked after power-up or reset.
?2011 silicon storage technology, inc. ds-25017a 04/11 27 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company table 9: block-protection register for 26vf032 (1 of 2) 1 bpr bits address range protected block size read lock write lock 79 78 3fe000h - 3fffffh 8 kbyte 77 76 3fc000h - 3fdfffh 8 kbyte 75 74 3fa000h - 3fbfffh 8 kbyte 73 72 3f8000h - 3f9fffh 8 kbyte 71 70 006000h - 007fffh 8 kbyte 69 68 004000h - 005fffh 8 kbyte 67 66 002000h - 003fffh 8 kbyte 65 64 000000h - 001fffh 8 kbyte 63 3f0000h - 3f7fffh 32 kbyte 62 008000h - 00ffffh 32 kbyte 61 3e0000h - 3effffh 64 kbyte 60 3d0000h - 3dffffh 64 kbyte 59 3c0000h - 3cffffh 64 kbyte 58 3b0000h - 3bffffh 64 kbyte 57 3a0000h - 3affffh 64 kbyte 56 390000h - 39ffffh 64 kbyte 55 380000h - 38ffffh 64 kbyte 54 370000h - 37ffffh 64 kbyte 53 360000h - 36ffffh 64 kbyte 52 350000h - 35ffffh 64 kbyte 51 340000h - 34ffffh 64 kbyte 50 330000h - 33ffffh 64 kbyte 49 320000h - 32ffffh 64 kbyte 48 310000h - 31ffffh 64 kbyte 47 300000h - 30ffffh 64 kbyte 46 2f0000h - 2fffffh 64 kbyte 45 2e0000h - 2effffh 64 kbyte 44 2d0000h - 2dffffh 64 kbyte 43 2c0000h - 2cffffh 64 kbyte 42 2b0000h - 2bffffh 64 kbyte 41 2a0000h - 2affffh 64 kbyte 40 290000h - 29ffffh 64 kbyte 39 280000h - 28ffffh 64 kbyte 38 270000h - 27ffffh 64 kbyte 37 260000h - 26ffffh 64 kbyte 36 250000h - 25ffffh 64 kbyte 35 240000h - 24ffffh 64 kbyte 34 230000h - 23ffffh 64 kbyte 33 220000h - 22ffffh 64 kbyte 32 210000h - 21ffffh 64 kbyte
?2011 silicon storage technology, inc. ds-25017a 04/11 28 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company 31 200000h - 20ffffh 64 kbyte 30 1f0000h - 1fffffh 64 kbyte 29 1e0000h - 1effffh 64 kbyte 28 1d0000h - 1dffffh 64 kbyte 27 1c0000h - 1cffffh 64 kbyte 26 1b0000h - 1bffffh 64 kbyte 25 1a0000h - 1affffh 64 kbyte 24 190000h - 19ffffh 64 kbyte 23 180000h - 18ffffh 64 kbyte 22 170000h - 17ffffh 64 kbyte 21 160000h - 16ffffh 64 kbyte 20 150000h - 15ffffh 64 kbyte 19 140000h - 14ffffh 64 kbyte 18 130000h - 13ffffh 64 kbyte 17 120000h - 12ffffh 64 kbyte 16 110000h - 11ffffh 64 kbyte 15 100000h - 10ffffh 64 kbyte 14 0f0000h - 0fffffh 64 kbyte 13 0e0000h - 0effffh 64 kbyte 12 0d0000h - 0dffffh 64 kbyte 11 0c0000h - 0cffffh 64 kbyte 10 0b0000h - 0bffffh 64 kbyte 9 0a0000h - 0affffh 64 kbyte 8 090000h - 09ffffh 64 kbyte 7 080000h - 08ffffh 64 kbyte 6 070000h - 07ffffh 64 kbyte 5 060000h - 06ffffh 64 kbyte 4 050000h - 05ffffh 64 kbyte 3 040000h - 04ffffh 64 kbyte 2 030000h - 03ffffh 64 kbyte 1 020000h - 02ffffh 64 kbyte 0 010000h - 01ffffh 64 kbyte t9.0 25017 1. all blocks are write-locked and read-unlocked after power-up or reset. table 9: block-protection register for 26vf032 (continued) (2 of 2) 1 bpr bits address range protected block size read lock write lock
?2011 silicon storage technology, inc. ds-25017a 04/11 29 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company lockdown block-protection register (lbpr) the lockdown block-protection register instruction prevents changes to the block-protection regis- ter. lockdown resets after power cycling; this allows the block-protection register to be changed. to execute a lockdown block-protection register, the host drives ce# low, then sends the lockdown block-protection register command cycle (8dh), then drives ce# high. a cycle is two nibbles long, most significant nibble first. figure 24: lockdown block-protection register 1359 f30.0 mode 3 0 1 sck sio(3:0) ce# c1 c0 mode 0 note: c[1:0]=8dh
?2011 silicon storage technology, inc. ds-25017a 04/11 30 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company electrical specifications absolute maximum stress ratings (applied conditions greater than those listed under ?absolute maximum stress ratings? may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied. exposure to absolute maximum stress rating con- ditions may affect device reliability.) temperature under bias .............................................. -55c to +125c storage temperature ................................................. -65c to +150c d. c. voltage on any pin to ground potential ............................. -0.5v to v dd +0.5v transient voltage (<20 ns) on any pin to ground potential .................. -2.0v to v dd +2.0v package power dissipation capability (t a = 25c) ................................... 1.0w surface mount solder reflow temperature ........................... 260c for 10 seconds output short circuit current 1 ................................................... 50ma 1. output shorted for no more than one second. no more than one output shorted at a time. operating range range ambient temp v dd industrial -40c to +85c 2.7-3.6v table 10: ac conditions of test 1 1. see figure 29 input rise/fall time output load 3ns c l =30pf t10.1 25017
?2011 silicon storage technology, inc. ds-25017a 04/11 31 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company power-up specifications all functionalities and dc specifications are specified for a v dd ramp rate of greater than 1v per 100 ms (0v to 2.7v in less than 270 ms). see table 11 and figure 25 for more information. figure 25: power-up timing diagram table 11: recommended system power-up timings symbol parameter minimum units t pu-read 1 1. this parameter is measured only for initial qualification and after a design or process change that could affect this parameter. v dd min to read operation 100 s t pu-write 1 v dd min to write operation 100 s t11.0 25017 time v dd min v dd max v dd device fully accessible t pu-read t pu-write chip selection is not allowed. commands may not be accepted or properly interpreted by the device. 1359 f27.0
?2011 silicon storage technology, inc. ds-25017a 04/11 32 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company dc characteristics table 12: dc operating characteristics (v dd = 2.7- 3.6v) symbol parameter limits test conditions min typ max units i ddr read current 12 18 ma v dd =v dd min, ce#=0.1 v dd /0.9 v dd @33 mhz, so=open i ddw program and erase cur- rent 30 ma ce#=v dd i sb1 standby current 8 15 a ce#=v dd ,v in =v dd or v ss i li input leakage current 1 a v in =gnd to v dd ,v dd =v dd max i lo output leakage current 1 a v out =gnd to v dd ,v dd =v dd max v il input low voltage 0.8 v v dd =v dd min v ih input high voltage 0.7 v dd vv dd =v dd max v ol output low voltage 0.2 v i ol =100 a, v dd =v dd min v oh output high voltage v dd - 0.2 vi oh =-100 a, v dd =v dd min t12.0 25017 table 13: capacitance (ta = 25c, f=1 mhz, other pins open) parameter description test condition maximum c out 1 1. this parameter is measured only for initial qualification and after a design or process change that could affect this parameter. output pin capacitance v out =0v 12pf c in 1 input capacitance v in =0v 6pf t13.0 25017 table 14: reliability characteristics symbol parameter minimum specification units test method n end 1 1. this parameter is measured only for initial qualification and after a design or process change that could affect this parameter. endurance 100,000 cycles jedec standard a117 t dr 1 data retention 100 years jedec standard a103 i lth 1 latch up 100 + i dd ma jedec standard 78 t14.0 25017
?2011 silicon storage technology, inc. ds-25017a 04/11 33 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company ac characteristics table 15: ac operating characteristics symbol parameter limits - 33 mhz limits - 80 mhz units min max min max f clk serial clock frequency 33 80 mhz t clk serial clock period 30 12.5 ns t sckh serial clock high time 13 5.5 ns t sckl serial clock low time 13 5.5 ns t sckr 1 1. maximum rise and fall time may be limited by t sckh and t sckl requirements serial clock rise time (slew rate) 0.1 0.1 v/ns t sckf 1 serial clock fall time (slew rate) 0.1 0.1 v/ns t ces 2 2. relative to sck. ce# active setup time 12 5 ns t ceh 2 ce# active hold time 12 5 ns t chs 2 ce# not active setup time 10 3 ns t chh 2 ce# not active hold time 10 3 ns t cph ce# high time 100 12.5 ns t chz ce# high to high-z output 14 12.5 ns t clz sck low to low-z output 0 0 ns t ds data in setup time 3 3 ns t dh data in hold time 4 4 ns t oh output hold from sck change 0 0 ns t v output valid from sck 12 6 ns t se sector-erase 25 25 ms t be block-erase 25 25 ms t sce chip-erase 50 50 ms t pp page-program 1.5 1.5 ms t psid program security id 0.2 0.2 ms t ws write-suspend latency 10 10 s t15.1 25017
?2011 silicon storage technology, inc. ds-25017a 04/11 34 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company figure 26: serial input timing diagram figure 27: serial output timing diagram table 16: reset timing parameters t r(i) parameter minimum maximum units t r(o) reset to read (non-data operation) 10 ns t r(p) reset recovery from program or suspend 100 s t r(e) reset recovery from erase 1 ms t16.0 25017 ce# sio sck msb lsb t ds t dh t chh t ces t ceh t chs t sckr t sckf t cph 1359 f24.0 1359 f25.0 ce# sio sck msb t clz t v t sckh t chz t oh t sckl lsb
?2011 silicon storage technology, inc. ds-25017a 04/11 35 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company figure 28: reset timing diagram figure 29: ac input/output reference waveforms 1359 f14.0 mode 3 clk sio(3:0) ce# mode 3 c1 c3 c2 c0 mode 0 mode 3 mode 0 mode 0 t cph note: c[1:0] = 55h; c[3:2] = aah 1359 f28.0 reference points output input v ht v lt v ht v lt v iht v ilt ac test inputs are driven at v iht (0.9v dd ) for a logic ?1? and v ilt (0.1v dd ) for a logic ?0?. measurement reference points for inputs and outputs are v ht (0.6v dd ) and v lt (0.4v dd ). input rise and fall times (10% ? 90%) are <3 ns. note: v ht -v high test v lt -v low test v iht -v input high test
?2011 silicon storage technology, inc. ds-25017a 04/11 36 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company product ordering information valid combinations for SST26VF016 SST26VF016-80-5i-qae SST26VF016-80-5i-s2ae valid combinations for sst26vf032 sst26vf032-80-5i-qae sst26vf032-80-5i-s2ae note: valid combinations are those products in mass production or will be in mass production. consult your sst sales representative to confirm availability of valid combinations and to determine availability of new combinations. sst 26 vf 016 - 80 - 5i - s2ae xx xx xxx - xx - xx - xxxx environmental attribute e 1 = non-pb / non-sn contact (lead) finish package modifier a = 8 leads or contacts package type q = wson (6 mm x 5 mm) s2 = soic (200 mil body width) temperature range i = industrial = -40c to +85c minimum endurance 5 = 100,000 cycles operating frequency 80 = 80 mhz device density 016 = 16 mbit 032 = 32 mbit voltage v = 2.7-3.6v product series 26 = serial quad i/o (sqi) flash memory 1. environmental suffix ?e? denotes non-pb sol- der. sst non-pb solder devices are ?rohs compliant?.
?2011 silicon storage technology, inc. ds-25017a 04/11 37 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company packaging diagrams figure 30: 8-contact very-very-thin, small-outline, no-lead (wson) sst package code: qa note: 1. all linear dimensions are in millimeters (max/min). 2. untoleranced dimensions (shown with box surround) are nominal target dimensions. 3. the external paddle is electrically connected to the die back-side and possibly to certain v ss leads. this paddle can be soldered to the pc board; it is suggested to connect this paddle to the v ss of the unit. connection of this paddle to any other voltage potential can result in shorts and/or electrical malfunction of the device. 8-wson-5x6-qa-9.0 4.0 1.27 bsc pin #1 0.48 0.35 0.076 3.4 5.00 0 .10 6.00 0.10 0.05 max 0.70 0.50 0.80 0.70 0.80 0.70 pin #1 corner topview bottomview cross section side view 1mm 0.2
?2011 silicon storage technology, inc. ds-25017a 04/11 38 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company figure 31: 8-lead, small outline integrated circuit (soic) sst package code: s2a 2.16 1.75 08-soic-eiaj-s2a-3 note: 1. all linear dimensions are in millimeters (max/min). 2. coplanarity: 0.1 mm 3. maximum allowable mold flash is 0.15 mm at the package ends and 0.25 mm between leads. top view side view end view 5.40 5.15 8.10 7.70 5.40 5.15 pin #1 identifier 0.50 0.35 1.27 bsc 0.25 0.05 0.25 0.19 0.80 0.50 0 8 1mm
?2011 silicon storage technology, inc. ds-25017a 04/11 39 serial quad i/o (sqi) flash memory SST26VF016 / sst26vf032 data sheet a microchip technology company table 17: revision history number description date 00 ? initial release of data sheet apr 2008 01 ? revised ?product ordering information? on page 36 changing package codes qaf to qae and s2af to s2ae. dec 2008 02 ? revised ?features? and ?product description? on page 2. ? updated table 2 on page 9, table 5 on page 16, table 8 on page 26, table 9 on page 27, table 12 on page 32, table 15 on page 33, and table 16 on page 34. ? text changes to ?device operation? on page 6, ?write-enable latch (wel)? on page 10, ?reset-enable (rsten) and reset (rst)? on page 13, ?high-speed read (80 mhz)? on page 15, ?read block-protec- tion register (rbpr)? on page 25, and ?write block-protection register (wbpr)? on page 25. ? updated figure 14 on page 19, figure 19 on page 23, and figure 22 on page 25. apr 2009 03 ? revised table 15 on page 33; changed t ces (80mhz) from 6ns to 5ns. ? changed document phase from advance information to data sheet jun 2009 04 ? applied new format nov 2009 05 ? updated table 12 on page 32 jun 2010 a ? applied new document format ? released document under letter-revision system ? updated spec number s71359 to ds-25017 apr 2011 ? 2011 silicon storage technology, inc?a microchip technology company. all rights reserved. sst, silicon storage technology, the sst logo, superflash, mtp, and flashflex are registered trademarks of silicon storage tech- nology, inc. mpf, sqi, serial quad i/o, and z-scale are trademarks of silicon storage technology, inc. all other trademarks and registered trademarks mentioned herein are the property of their respective owners. specifications are subject to change without notice. refer to www.microchip.com for the most recent documentation. for the most current package drawings, please see the packaging specification located at http://www.microchip.com/packaging. memory sizes denote raw storage capacity; actual usable capacity may be less. sst makes no warranty for the use of its products other than those expressly contained in the standard terms and conditions of sale. for sales office(s) location and information, please see www.microchip.com. silicon storage technology, inc. a microchip technology company www.microchip.com isbn:978-1-61341-111-7


▲Up To Search▲   

 
Price & Availability of SST26VF016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X